Part Number Hot Search : 
L4TVS60A SC443103 7MBR1 SR250 ED050 1100H TLE7241E MAX515
Product Description
Full Text Search
 

To Download SBL1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s bl 1 0 2 0 thru s bl 1 0 100 10 amp schottky barrier rectifier 20 to 100 volts features low power loss high efficiency low forward voltage high surge capacity high current capability maximum ratings operating junction temperature: -5 0 c to +125 c storage temperature: -5 0 c to +125 c electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 10 a t c = 100 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage 1020-1040 1050-1060 v f .55v .75v i fm = 10a; maximum dc reverse current at rated dc blocking voltage                        mcc t j = 25 c i r 1080-10100 .85v 0.5m a t c = 25 c 50m a t c = 100 c to-220ac         
 omp onents 21201 itasca street chatsworth               !  " #   $
%         !   " #    a b c k j i g f e d n m l h pin 1 pin 2 case p i n 12  inches mm        a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .100 .135 2.54 3.43 d .230 .270 5.84 6.86 e .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .190 .210 4.83 5.33 i .020 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92  sb l 1050 sb l 1050 50v 35v 50v sb l 1060 sb l 1060 60v 42v 60v sb l 1080 sb l 1080 80v 56v 80v sb l 1020 sb l 1020 20v 14v 20v sb l 10100 sb l 10100 100v 80v 100v sb l 1040 sb l 1040 40v 26v 40v sb l 1030 sb l 1030 30v 21v 30v mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage typical thermal resistance 60 c/w junction to ambient www.mccsemi .com
sbl1020 thru sbl10100 ww w . mccsemi .com mcc 10 8 6 4 2 0 0 50 100 150 c a s e t e m p e r a t u r e , j 40 20 10 8 6 4 2 1 . 0 . 8 . . 6 . 4 . 2 . 1 . 4 . 5 . 6 . 7 . 8 9 1 . 0 1 . 1 5 0 . 6 0 v 20 . 30 . 40 v t j = 2 5 j p u l s e w i d t h = 2 0 0 g s 80 . 100 v i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c f i g . 1 - f o r w a rd curr e n t d e r a t i n g cur ve f i g . 2 - t y p i c a l i n s t n a t a n e o u s f o r w a rd ch a r a c t e r i s t i c 100 10 1 . 0 . 1 . 01 0 100 200 300 t c = 100 j t c = 75 j t c = 25 j 150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8 . 3 m s s i n g l e h a l f s i n e w av e j e d e c m e t h o d n o . o f c y c l e s a t 6 0 h z f i g . 3 - t y p i c a l r eve r se ch a r a c t e r i s t i c s f i g . 4 - m ax i m u m n o n - r epe t i t i ve s ur g e curr e n t 400 350 300 250 200 150 1 2 5 20 50 100 200 500 t j = 2 5 j r e v e r s e v o l t a g e , v o l t s f i g . 5 - t y p i c a l j unc t i o n c apa c i t a nc e average forward current, amperes i n s tantaneous forward current amperes i nstantaneous reverse current, millamperes p eak forward surge current, amperes capacitance, pf


▲Up To Search▲   

 
Price & Availability of SBL1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X